PART |
Description |
Maker |
LT3020EMS8PBF LT3020IMS8-1.2 LT3020EMS8-1.2PBF LT3 |
100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 LP3852/LP3855 1.5A Fast Response Ultra Low Dropout Linear Regulators; Package: SOT-223; No of Pins: 5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LP2950 LP2951 LP2951ACS-X LP2951C LP2951CS-X LP295 |
100mA Low Dropout Voltage Regulators
|
Calogic LLC CALOGIC[Calogic, LLC] http://
|
LND2951 LND2950 LND2951-2.85 LND2951-3.0 LND2951-3 |
100mA Low Dropout Voltage Regulators
|
Linear Dimensions Semiconductor LINEAR[Linear Integrated Systems]
|
LM2950 LM2951D |
100mA LOW DROPOUT VOLTAGE REGULATORS
|
HTC Korea TAEJIN Technology Co.
|
G5JLM2931 |
100mA Low Dropout Adjustable Voltage Regulator
|
E-Tech Electronics LTD GTM CORPORATION
|
XC6206 |
100mA Low Dropout CMOS Voltage Regulators
|
JinYu
|
RT9058-25GV RT9058-25GVL RT9058-30GV RT9058-33GV R |
36V, 2A IQ, 100mA Low Dropout Voltage Linear Regulator
|
Richtek Technology Corporation
|
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
LM2931AD-5.0R2 LM2931AD2T-5.0R4 LM2931ADT-5.0RK LM |
100mA, 5V, Low Dropout Voltage Regulator with 60V Load Dump Protection
|
ON Semiconductor
|
LP2950ACS-3 LP2950CS-3 LP2950CP-3 LP2950CP-33 LP29 |
100mA LOW DROPOUT VOLTAGE REGULATOR 100mA LOW DROPOUT VOLTAGE REGULATOR
|
Advanced Monolithic Systems Advanced Monolithic Sys...
|
AP1116Y50LA AP1116Y50L AP1116Y33A AP1116 AP1116Y A |
0.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator VOLTAGE REG POS 5V 100MA TO-92
|
ETC[ETC] ANACHIP[Anachip Corp]
|